Part Number Hot Search : 
1608B 2SC6054G 341YD 1N4971C TP3600 CO55C TP3600 CO55C
Product Description
Full Text Search
 

To Download MOX95021004FVE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High-voltage Super Mox resistors have been developed to meet the precision temperature stability requirements of high-accuracy and high-voltage systems. Super Mox combines proprietary non-inductive resistance system and design to achieve low temperature coefficient, low voltage coefficients, high stability and increased high operating voltages. These resistors are designed to meet the demanding requirements of high voltage power supplies, electron microscopes, X-ray systems, high resolution CRT displays and geophysical instruments.
Super Mox Series
High Voltage
Uncoated resistor element pictured for demonstration purposes only. Finished product is coated with silicone.
SpecificationS
Resistance Range: from 1K to 50G on all models (contact Ohmite for 51G to 1T) Tolerances: 0.05%, 0.1%, 0.25%, 0.5%, 1%, 2%, 5%, 10% (0.05% avail. to 10G, 0.25% to 100G, other on request) Temperature Coefficients: 5, 10, 15, 25, 50 and 100ppm/C (10ppm/C available to 10G, 25ppm/C to 100G, other on request Encapsulation: Silicone Conformal Coating Terminal Material: Gold Plated Core Material: Al2O3 (96%) Resistor Material: Ruthenium Oxide Operating Temperature: -55C to 225C (extended temperature range to 350C available)
DeRating
100 Percent Rated Watts 80 60 40 20 0 -50 225 0 50 100 150 200 Ambient Temperature, C 250 25
1.38" / 35mm 2
L 1mm
D
0.8 mm
Series MoX910 MoX920 MoX930 MoX940 MoX950 MoX960 MoX970
P e r f o r m a n c e d ata
Insulation Resistance Dielectric Strength Thermal Shock Overload Moisture Resistance Load Life >10,000 M >1,000 Volt 500 Volt 25 C 75% relative humidity 25 C 75% relative humidity
power Max. oper. Res. Rating (W) Voltage Range () 3.80 15,000 1K-500M 500M-5G 1K-1G 5.00 21,000 1G-10G 7.50 30,000 1K-1G5 1G5-15G 10.00 45,000 1K-2G5 2G5-25G 1K-3G 13.50 60,000 3G-30G 1K-4G 16.00 72,000 4G-40G 1K-5G 20.00 90,000 5G-50G
Dimensions (in./mm) Max. VcR* L D 0.40 1.07/27.00 0.32/8.00 0.75 0.20 1.46/37.00 0.32/8.00 0.40 0.15 2.05/52.00 0.32/8.00 0.30 0.10 3.03/77.00 0.32/8.00 0.15 0.08 4.02/102.00 0.33/8.30 0.12 0.06 4.80/122.00 0.34/8.50 0.10 0.04 5.98/152.00 0.34/8.50 0.08
* typical values, contact factory for details
R/R < 0.1% typ., MIL Std. 202, method 107 0.20% max. Cond. C (IEC 68 -2 -14) R/R < 0.1% typ., 1,5 x Pnom, 5 sec 0.25% max. (do not exceed max. voltage) R/R < 0.1% typ., MIL Std. 202, 0.25% max. method 106 (IEC 68 -2 -3) R/R < 0.1% typ., 1000 hours at rated power 0.25% max. (IEC 115 -1)
o r d e r i n g i n f o r m at i o n
Coating conformal silicone standard E = RoHS compliant
MOX91021006JTE
Super Mox Series see chart for wattage Ohms First 3 digits are significant; 4th digit is multiplier (# of zeroes to follow). Examples: 1001 = 1000 1503 = 150,000 1006 = 100 M Tolerance A = 0.05% B = 0.10% C = 0.25% D = 0.5% F = 1% G = 2% J = 5% K = 10%
S ta n d a r d Pa rt n u m b e r S
Part Number MOX91021004FVE MOX91025004FVE MOX91021005FVE MOX91022505FTE MOX92021005FVE MOX92025005FVE MOX92021006FVE MOX92021007FTE MOX93021004FVE MOX93025004FVE MOX93021005FVE MOX93022505FTE MOX94021005FVE MOX94025005FVE MOX94021006FVE MOX94021007FTE MOX95021004FVE MOX95025004FVE MOX95021005FVE MOX95022505FTE MOX96021005FVE MOX96025005FVE MOX96021006FVE MOX96021007FTE MOX97021004FVE MOX97025004FVE MOX97021005FVE MOX97022505FTE Watts 3.8W 3.8W 3.8W 3.8W 5W 5W 5W 5W 7.5W 7.5W 7.5W 7.5W 10W 10W 10W 10W 13.5W 13.5W 13.5W 13.5W 16W 16W 16W 16W 20W 20W 20W 20W Ohms 1% tol. 1M 5M 10M 25M 10M 50M 100M 1000M 1M 5M 10M 25M 10M 50M 100M 1000M 1M 5M 10M 25M 10M 50M 100M 1000M 1M 5M 10M 25M TCR 50ppm 50ppm 50ppm 100ppm 50ppm 50ppm 50ppm 100ppm 50ppm 50ppm 50ppm 100ppm 50ppm 50ppm 50ppm 100ppm 50ppm 50ppm 50ppm 100ppm 50ppm 50ppm 50ppm 100ppm 50ppm 50ppm 50ppm 100ppm
TCR T = 100ppm V = 50ppm W = 25ppm X = 15ppm Y = 10ppm
Check product availability at www.ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com
71


▲Up To Search▲   

 
Price & Availability of MOX95021004FVE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X